Part Number Hot Search : 
MA2Z393 GILFT 039880 74LV14A TLP3021 USB00410 MF432 MMSZ56
Product Description
Full Text Search
 

To Download MVY35VD1000MM17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount aluminum electrolytic capacitors low impedance, 105 c cat. no. e1001c @ expand up to f 18 case size @ expand up to 100v dc @ low impedance, 105 c 1000 to 5000-hours-life @ for digital equipment, especially dc-dc converters and vrm @ solvent-proof type except 80 & 100v dc (see precautions and guidelines) lower z size extended mvy lower z mvk mvz ? specifications (at 20 c , 120hz) (at 20 c after 2 minutes) (at 20 c , 120hz) (at 120hz) d55 to f80 : 1000 hours h10 & j10 : 2000 hours k14 to m22 : 5000 hours category temperature range rated voltage range capacitance tolerance leakage current dissipation factor (tan e ) low temperature characteristics (max. impedance ratio) endurance shelf life items - 55 to +105 c (6.3 to 63v dc ) -40 to +105 c (80 & 100v dc ) 6.3 to 100v dc p 20% (m) i=0.01cv or 3 m a, whichever is greater. where, i : max. leakage current ( m a), c : nominal capacitance ( m f), v : rated voltage (v) rated voltage (v dc ) tan e (max.) rated voltage (v dc ) z( - 40 c )/z(+20 c ) the following specifications shall be satisfied when the capacitors are restored to 20 c after the rated voltage is applied for specified time at 105 c . time rated voltage 6.3v dc (d55 to j10) 6.3 to 100v dc capacitance change [p 30% of the initial value [p 20% of the initial value d.f. (tan e ) [ 300% of the initial specified value [ 200% of the initial specified value leakage current [ the initial specified value [ the initial specified value the following specifications shall be satisfied when the capacitors are restored to 20 c after exposing them for 1000 hours at 105 c without voltage applied. rated voltage 6.3v dc (d55 to j10) 6.3 to 100v dc capacitance change [p 30% of the initial value [p 20% of the initial value d.f. (tan e ) [ 300% of the initial specified value [ 200% of the initial specified value leakage current [ the initial specified value [ the initial specified value characteristics 6.3v 0.24 0.28 0.26 6.3v 3 10 10v 0.20 0.24 0.22 10v 2 8 16v 0.16 0.20 0.18 16v 2 6 25v 0.14 0.16 0.16 25v 2 4 35v 0.12 0.14 0.14 35v 2 3 50v 0.12 0.12 0.12 50v 2 3 63v - - 0.14 63v - 3 80v - - 0.10 80v - 3 100v - - 0.10 100v - 3 d55 to f80 h10 & j10 k14 to m22 d55 to j10 k14 to m22 when nominal capacitance exceeds 1000 m f, add 0.02 to the value above for each 1000 m f increase. mvy 50 vc 220 m j10 capacitance 1.0 m f 4.7 m f 10 m f 100 m f 1000 m f code 1 4r7 10 100 1000 tray code (tr : if necessary ) case code cap tolerance ( p 20%) nominal cap code terminal type (vc or vd) rated voltage in volts series name ? part numbering system ? dimensions (terminal type=vc or vd) [mm] f d p 0.5 l p 0.3 (note) 0.3max. a p 0.2 w c p 0.2 b p 0.2 p note : l p 0.5 for h10 to k16 f d p 0.5 l p 0.5 0.3max. a p 0.2 w c p 0.2 b p 0.2 p d55 to k16 (vc) l17 to m22 (vd : with dummy terminals) case code d55 e55 f55 f80 h10 j10 k14 k16 l17 l22 m17 m22 f d 4 5 6.3 6.3 8 10 12.5 12.5 16 16 18 18 l 5.2 5.2 5.2 7.7 10.0 10.0 13.5 16.0 16.5 21.5 16.5 21.5 a 4.3 5.3 6.6 6.6 8.3 10.3 13.0 13.0 17.0 17.0 19.0 19.0 b 4.3 5.3 6.6 6.6 8.3 10.3 13.0 13.0 17.0 17.0 19.0 19.0 c 5.1 5.9 7.2 7.2 9.0 11.0 13.7 13.7 18.0 18.0 20.0 20.0 w 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 p 1.0 1.4 1.9 1.9 3.1 4.5 4.2 4.2 6.5 6.5 6.5 6.5 ? marking 7hy 100 6.3v ex) 6.3v100 m f k14 to m22 d55 to j10 mvy 0v 1000 16v ex) 16v1000 m f (1/2)
surface mount aluminum electrolytic capacitors low impedance, 105 c cat. no. e1001c ? standard ratings rated ripple current (marms) at 105 c , 100khz impedance ( o ) at 20 c , 100khz case code case code impedance ( o ) at 20 c , 100khz rated ripple current (marms) at 105 c , 100khz 6.3 10 16 25 35 v dc m f 4.7 10 22 33 47 68 100 220 330 470 680 1,000 1,500 2,200 3,300 4,700 6,800 8,200 d55 e55 e55 f55 f55 f80 h10 h10 h10 j10 k14 l17 k16 m17 l22 m17 l22 m22 m22 3.0 1.8 1.8 1.0 1.0 0.34 0.30 0.30 0.30 0.15 0.070 0.054 0.060 0.054 0.038 0.054 0.038 0.038 0.038 60 95 95 140 140 280 450 450 450 670 820 1,260 950 1,350 1,630 1,350 1,630 1,750 1,750 e55 e55 f55 f55 f80 h10 h10 j10 j10 k16 l17 l17 m17 l22 m22 m22 1.8 1.8 1.0 1.0 0.34 0.30 0.30 0.15 0.15 0.060 0.054 0.054 0.054 0.038 0.038 0.038 95 95 140 140 280 450 450 670 670 950 1,260 1,260 1,350 1,630 1,750 1,750 d55 e55 f55 f55 f55 f80 h10 h10 j10 k14 l17 l17 m17 l22 m17 m22 3.0 1.8 1.0 1.0 1.0 0.34 0.30 0.30 0.15 0.070 0.054 0.054 0.054 0.038 0.054 0.038 60 95 140 140 140 280 450 450 670 820 1,260 1,260 1,350 1,630 1,350 1,750 e55 f55 f55 f55 f80 h10 h10 j10 l17 m17 l22 m22 m22 1.8 1.0 1.0 1.0 0.34 0.30 0.30 0.15 0.054 0.054 0.038 0.038 0.038 95 140 140 140 280 450 450 670 1,260 1,350 1,630 1,750 1,750 d55 e55 f55 f55 f55 f80 h10 h10 j10 k14 l17 l17 m17 m22 3.0 1.8 1.0 1.0 1.0 0.34 0.30 0.30 0.15 0.070 0.054 0.054 0.054 0.038 60 95 140 140 140 280 450 450 670 820 1,260 1,260 1,350 1,750 50 63 80 100 v dc m f 1.0 2.2 3.3 4.7 10 22 33 47 68 100 220 330 470 1,000 d55 d55 d55 e55 f55 f55 f80 f80 h10 h10 j10 k14 l17 l17 m17 m22 5.0 5.0 5.0 3.0 2.0 2.0 0.60 0.60 0.60 0.60 0.30 0.11 0.087 0.087 0.087 0.050 30 30 30 50 70 70 170 170 300 300 500 650 900 900 1,060 1,520 k14 k14 k14 l17 l17 m17 l22 m17 0.19 0.19 0.19 0.12 0.12 0.12 0.085 0.12 500 500 500 845 845 905 1,100 905 k14 k16 l22 m17 m22 0.33 0.26 0.16 0.24 0.16 450 550 900 700 950 k14 k14 k14 l17 l22 m17 m22 0.33 0.33 0.33 0.24 0.16 0.24 0.16 450 450 450 650 900 700 950 non solvent-proof (2/2)


▲Up To Search▲   

 
Price & Availability of MVY35VD1000MM17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X